PART |
Description |
Maker |
PBAR11C2000AOG PBAR11C2000NOG PBAR11F2000KOG PBAR5 |
SPECIAL SWITCH-PIEZO SWITCH, SPST, LATCHED, 0.2A, 24VDC, PANEL MOUNT-THREADED SPECIAL SWITCH-PIEZO SWITCH, SPST, MOMENTARY, 0.2A, 24VDC, PANEL MOUNT-THREADED SPECIAL SWITCH-PIEZO SWITCH, SPST, MOMENTARY, 0.2A, 24VDC, THROUGH HOLE-STRAIGHT SPECIAL SWITCH-PIEZO SWITCH, SPST, LATCHED, 0.2A, 24VDC, THROUGH HOLE-STRAIGHT
|
SIEMENS AG
|
PBAR2BC2000JOG PBAR2BC2000POG PBAR6BC2000LOG PBARY |
SPECIAL SWITCH-PIEZO SWITCH, SPST, MOMENTARY, 0.2A, 24VDC, PANEL MOUNT-THREADED SPECIAL SWITCH-PIEZO SWITCH, SPST, LATCHED, 0.2A, 24VDC, PANEL MOUNT-THREADED
|
Aerovox, Corp.
|
37FML1-CAP31N 37FBR1-CAAW2111N 37FML2-CCW21N 37FML |
SPECIAL SWITCH-PIEZO SWITCH, SPST, MOMENTARY, 0.2A, 24VDC, PANEL MOUNT SPECIAL SWITCH-PIEZO SWITCH, SPST, MOMENTARY, 15A, 24VDC, PANEL MOUNT SPECIAL SWITCH-PIEZO SWITCH, SPST, MOMENTARY, 1A, 24VDC, PANEL MOUNT
|
Grayhill, Inc. GRAYHILL INC
|
U732912111 U712129361 U741192222 U741192266 U74119 |
SPECIAL SWITCH-PENDANT SWITCH, SPST, MOMENTARY, PANEL MOUNT
|
OTTO ENGINEERING INC
|
35081K206 |
SPECIAL SWITCH-MULTI SWITCH, DPDT, LATCHED, PANEL MOUNT
|
SWITCHCRAFT INC
|
LFDS060 |
SPECIAL SWITCH-DISCONNECT SWITCH, MOMENTARY, PANEL MOUNT
|
|
SM5010BK1S SM5010BH2S SM5010AN1S SM5010AN2S SM5010 |
AC OUTPUT MODULE NON ZERO CROSS 晶体振荡器模块集成电 Slide Switch; Circuitry:SPST; Contact Current Max:4A; Switch Operation:On-On; Switch Terminals:Through Hole; Leaded Process Compatible:Yes; Mounting Type:PCB; Switch Features:Right Angle Actuator RoHS Compliant: Yes 晶体振荡器模块集成电 Crystal Oscillator Module ICs
|
Nippon Precision Circuits I... Seiko NPC, Corp. Seiko NPC Corporation NPC[Nippon Precision Circuits Inc] Nippon Precision Circui...
|
QD5C090-50 CJ5C090-50 CJ5C090-60 LD5C090-60 MD5C09 |
Rotary Switch; No. of Switch Positions:5; Circuitry:DPST; Contact Current Max:250mA; Contact Rating:250mA at 125VAC; Leaded Process Compatible:Yes; Mounting Type:PCB; Switch Features:Flatted Actuator; Switch Function:DPST UV-Erasable/OTP PLD UV-Erasable/OTP可编程逻辑器件
|
TE Connectivity, Ltd.
|
TOP200 TOP200-4 TOP200YAI TOP204YAI TOP203YAI TOP2 |
From old datasheet system Digital Pushwheel Switch; No. of Switch Positions:10; Switch Terminals:Solder Lug; Contact Current Max:1A; Leaded Process Compatible:Yes; Mounting Type:Extended Leads; Output Code:BCD; Peak Reflow Compatible (260 C):Yes RoHS Compliant: Yes Three-terminal Off-line PWM Switch(160.70 k) 0-100 W TOPSwitch using 230 VAC input or 0 0-100糯的TOPSwitch使用230伏交流输入或0
|
Power Integrations Inc Power Integrations Inc. N.A. POWERINT[Power Integrations, Inc.]
|
513-0311-001 |
Pushbutton Switch; Illumination:Illuminated; Actuator Style:Square; Actuator Diameter:0.938"; Circuitry:SPDT; Switch Operation:(On); Switch Terminals:Through Hole; Contact Current Max:3A; Leaded Process Compatible:No RoHS Compliant: Yes
|
DIALIGHT CORP
|
FDFMM-TTL-11T FDFMM-TTL-11F FDFMM-TTL-11J FDFMM-TT |
SWITCH, SM, 10 POS, SPST SWITCH TOGGLE DPDT SEAL RT ANGLE SWITCH TOGGLE SPDT SEAL VERT R/A Analog Miscellaneous 模拟杂项
|
NXP Semiconductors N.V. Electronic Theatre Controls, Inc.
|
|